Part Number Hot Search : 
LTC1863 30102 4502B TD62009F LTC1863 MAX6710 ICX074AL LTC1863
Product Description
Full Text Search
 

To Download FW80SMAM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 12 - 8 - 0 33 / c /pk page 1 of 6 specification part no. : fw.80.sma.m product name : meteor 169mhz 0dbi flexible whip monopole omni - directional antenna sma male connector feature : ip67 housing 1/4 wavelength robust but flexible inner steel whip high efficiency outdoor antenna advanced rf design and materials rohs compliant
spe - 12 - 8 - 0 33 / c /pk page 2 of 6 1. introduction the meteor fw.80 is a 0dbi 169mhz ism band 1/4 wavelength monopole flexible whip antenna with omni - directional pattern optimized in the azimuth for wide coverage range in typical 169 mhz applications such as wireless m - bus metering. it also finds its usage in remote asset monitoring application s, alarms, paging systems and private mobile radio services . the meteor has a ip67 housing. the antenna , like all low frequency monopole antennas needs to be mounted to a metal plate to radiate. for a waterproof integration to a metal box a waterproof panel mount sma connector or cable assembly can be provided. tnc and n - type antenna versions are also available. this whip is made up of a flexible inner steel core covered by tpu so extremely resistant to collisions and maintaining its original shape and rf performance. customized frequency and gain versions can be supplied.
spe - 12 - 8 - 0 33 / c /pk page 3 of 6 2. specification table meteor fw.80 frequency ( m hz) 169 peak gain (dbi) * 0 dbi average gain (d bi) * - 3.9 efficiency (%) * 4 0% impedance ( ? ) 50 polarization linear radiation pattern omni input power (w) 50 mechanical dimensions (mm) 353x 16 base diameter (mm) 16 whip diameter (mm) 4 casing abs connector sma(m) environmental temperature range - 40c to 85c humidity non - con densing 65c 95% rh * for low frequency antennas these parameters can only be estimated using rf formula calculation, simulation or rough field test comparisons with large benchmark antennas.
spe - 12 - 8 - 0 33 / c /pk page 4 of 6 3. antenna characteristics 3 .1 antenna setup anten na i s placed on metal ground 30x30c m 3 .2 swr (on metal ground plane 30x30c m)
spe - 12 - 8 - 0 33 / c /pk page 5 of 6 4. drawing housing abs steel+pe jacket abs black black black flexible whip cap name material finish qty 1 1 1 brass black outer body sma(m) 1 p/n 000111k0600xxa 001111k0000xxa 000711c0000xxa 000611b0000xxa
spe - 12 - 8 - 0 33 / c /pk page 6 of 6 5. packaging


▲Up To Search▲   

 
Price & Availability of FW80SMAM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X